Part Number Hot Search : 
H90ZA6 TB62707F 902000 LM3201 ILD1213T X24C01 HG25504 1N4759A
Product Description
Full Text Search
 

To Download 74LS112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74LS112A Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flop with Preset, Clear, and Complementary Outputs
August 1986 Revised March 2000
DM74LS112A Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flop with Preset, Clear, and Complementary Outputs
General Description
This device contains two independent negative-edge-triggered J-K flip-flops with complementary outputs. The J and K data is processed by the flip-flop on the falling edge of the clock pulse. The clock triggering occurs at a voltage level and is not directly related to the transition time of the falling edge of the clock pulse. Data on the J and K inputs may be changed while the clock is HIGH or LOW without affecting the outputs as long as the setup and hold times are not violated. A low logic level on the preset or clear inputs will set or reset the outputs regardless of the logic levels of the other inputs.
Ordering Code:
Order Number DM74KS112AM DM74LS112AN Package Number M16A N16E Package Description 16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow 16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Function Table
Inputs PR L H L H H H H H CLR CLK H L L H H H H H X X X H J X X X L H L H X K X X X L L H H X Q0 Q H L H (Note 1) Q0 H L Toggle Q0 Outputs Q L H H (Note 1) Q0 L H
H = HIGH Logic Level L = LOW Logic Level X = Either LOW or HIGH Logic Level = Negative Going Edge of Pulse Q0 = The output logic level before the indicated input conditions were established. Toggle = Each output changes to the complement of its previous level on each falling edge of the clock pulse. Note 1: This configuration is nonstable; that is, it will not persist when preset and/or clear inputs return to their inactive (HIGH) level.
(c) 2000 Fairchild Semiconductor Corporation
DS006382
www.fairchildsemi.com
DM74LS112A
Absolute Maximum Ratings(Note 2)
Supply Voltage Input Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 7V 0C to +70C -65C to +150C
Note 2: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL IOH IOL fCLK fCLK tW Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Current LOW Level Output Current Clock Frequency (Note 3) Clock Frequency (Note 5) Pulse Width (Note 3) tW Pulse Width (Note 5) tSU tSU tH tH TA Clock HIGH Preset LOW Clear LOW Clock HIGH Preset LOW Clear LOW Setup Time (Note 3)(Note 4) Setup Time (Note 4)(Note 5) Hold Time (Note 3)(Note 4) Hold Time (Note 4)(Note 5) Free Air Operating Temperature 0 0 20 25 25 25 30 30 20 25 0 5 0 70 ns ns ns ns C ns ns Parameter Min 4.75 2 0.8 -0.4 8 30 25 Nom 5 Max 5.25 Units V V V mA mA MHz MHz
Note 3: CL = 15 pF, R L = 2 k, TA = 25C and VCC = 5V. Note 4: The symbol () indicates the falling edge of the clock pulse is used for reference. Note 5: CL = 50 pF, R L = 2 k, TA = 25C and VCC = 5V.
www.fairchildsemi.com
2
DM74LS112A
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) Symbol VI VOH VOL Parameter Input Clamp Voltage HIGH Level Output Voltage LOW Level Output Voltage II Input Current @ Max Input Voltage Conditions VCC = Min, II = -18 mA VCC = Min, IOH = Max VIL = Max, VIH = Min VCC = Min, IOL = Max VIL = Max, VIH = Min IOL = 4 mA, VCC = Min VCC = Max, VI = 7V J, K Clear Preset Clock IIH HIGH Level Input Current VCC = Max, VI = 2.7V J, K Clear Preset Clock IIL LOW Level Input Current VCC = Max, VI = 0.4V J, K Clear Preset Clock IOS ICC Short Circuit Output Current Supply Current VCC = Max (Note 7) VCC = Max (Note 8) -20 4 2.7 3.4 0.35 0.25 0.5 0.4 0.1 0.3 0.3 0.4 20 60 60 80 -0.4 -0.8 -0.8 -0.8 -100 6 mA mA mA A mA Min Typ (Note 6) Max -1.5 Units V V
V
Note 6: All typicals are at VCC = 5V, TA = 25C. Note 7: Not more than one output should be shorted at a time, and the duration should not exceed one second. For devices, with feedback from the outputs, where shorting the outputs to ground may cause the outputs to change logic state an equivalent test may be performed where VO = 2.125V with the minimum and maximum limits reduced by one half from their stated values. This is very useful when using automatic test equipment. Note 8: With all outputs OPEN, ICC is measured with the Q and Q outputs HIGH in turn. At the time of measurement the clock is grounded.
Switching Characteristics
at VCC = 5V and TA = 25C From (Input) Symbol Parameter To (Output) CL = 15 pF Min fMAX tPLH tPHL tPLH tPHL tPLH tPHL Maximum Clock Frequency Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Preset to Q 30 20 Max RL = 2 k CL = 50 pF Min 25 24 Max MHz ns Units
Preset to Q
20
28
ns
Clear to Q Clear to Q
20 20
24 28
ns ns
Clock to Q or Q
20
24
ns
Clock to Q or Q
20
28
ns
3
www.fairchildsemi.com
DM74LS112A
Physical Dimensions inches (millimeters) unless otherwise noted
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow Package Number M16A
www.fairchildsemi.com
4
DM74LS112A Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flop with Preset, Clear, and Complementary Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N16E
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 5 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LS112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X